Part Number Hot Search : 
BC847B MAX3172 3X221 AD5541AR AD5541AR X25057 56F8023 02018
Product Description
Full Text Search
 

To Download IRFP264N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94214
IRFP264N
HEXFET(R) Power MOSFET
l l l l l l l
Advanced Process Technology Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated Ease of Paralleling Simple Drive Requirements
D
VDSS = 250V RDS(on) = 60m
G S
ID = 44A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.
TO-247AC
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
44 31 170 380 2.6 20 520 25 38 8.7 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
0.39 --- 40
Units
C/W
www.irf.com
1
5/4/01
IRFP264N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 250 --- --- 2.0 29 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.30 --- --- --- --- --- --- --- --- --- --- 17 62 52 53 5.0 13 3860 480 110
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 60 m VGS = 10V, ID = 25A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 25A 25 VDS = 250V, VGS = 0V A 250 VDS = 200V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 210 ID = 25A 34 nC VDS = 200V 94 VGS = 10V, See Fig. 6 and 13 --- VDD = 30V --- ID = 25A ns --- RG = 1.8 --- VGS = 10V, See Fig. 10 D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 44 --- --- showing the A G integral reverse --- --- 170 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 25A, VGS = 0V --- 270 400 ns TJ = 25C, IF = 25A --- 2.7 4.1 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
ISD 25A, di/dt 500A/s, VDD V(BR)DSS,
TJ 175C
Starting TJ = 25C, L = 1.7mH
RG = 25, IAS = 25A,VGS=10V
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRFP264N
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
10
10
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
1 1 10
20s PULSE WIDTH TJ = 175 C
100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
4.0
ID = 42A
TJ = 25 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
3.0
100
TJ = 175 C
2.0
10
1.0
1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFP264N
8000 20 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 25A VDS = 200V VDS = 125V VDS = 50V
VGS , Gate-to-Source Voltage (V)
16
6000
C, Capacitance(pF)
Ciss
4000
12
Coss
2000
8
Crss
4
0 1 10 100 1000
0 0 40 80
FOR TEST CIRCUIT SEE FIGURE 13
120 160 200
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000 OPERATION IN THIS AREA LIMITED BY R DS (on)
ISD , Reverse Drain Current (A)
100
ID , Drain-to-Source Current (A)
100
TJ = 175 C
10
100sec 10 1msec
1
1 Tc = 25C Tj = 175C Single Pulse 1 10 100
10msec
TJ = 25 C V GS = 0 V
0.4 0.6 0.8 1.0 1.2
0.1 0.2
0.1
VSD ,Source-to-Drain Voltage (V)
1000
10000
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFP264N
50
VDS
40
RD
VGS RG
D.U.T.
+
I D , Drain Current (A)
-VDD
30
VGS
Pulse Width 1 s Duty Factor 0.1 %
20
Fig 10a. Switching Time Test Circuit
10
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50 0.1 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFP264N
1 5V
1000
EAS , Single Pulse Avalanche Energy (mJ)
TOP
800
VDS
L
D R IV E R
BOTTOM
ID 10A 18A 25A
RG
VV 2 0GS
D .U .T IA S tp 0 .0 1
+ - VD D
600
A
400
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
200
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFP264N
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For N-channel HEXFET(R) power MOSFETs
www.irf.com
7
IRFP264N
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
15.90 (.626) 15.30 (.602) -B3.65 (.143) 3.55 (.140) 0.25 (.010) M -A5.50 (.217) 20.30 (.800) 19.70 (.775) 1 2 3 -C14.80 (.583) 14.20 (.559) 4.30 (.170) 3.70 (.145)
L E A D A S S IG N M E N T S 1 2 3 4 G A TE D R A IN S O UR C E D R A IN
-DDBM 5.30 (.209) 4.70 (.185) 2.50 (.089) 1.50 (.059) 4
2X
5.50 (.217) 4.50 (.177)
N OTE S : 1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O JE D E C O U T L IN E T O -24 7 -A C .
2.40 (.094) 2.00 (.079) 2X 5.45 (.215) 2X
1.40 (.056) 3X 1.00 (.039) 0.25 (.010) M 3.40 (.133) 3.00 (.118) C AS
0.80 (.031) 3X 0.40 (.016) 2.60 (.102) 2.20 (.087)
TO-247AC Part Marking Information
EXAMPLE: T HIS IS AN IRFPE30 WIT H AS S EMBLY LOT CODE 5657 AS S EMBLED ON WW 35, 2000 IN THE AS S EMBLY LINE "H" PART NUMBER INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE
IRFPE30
56 035H 57
DAT E CODE YEAR 0 = 2000 WEEK 35 LINE H
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 5/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFP264N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X